| データシートサーチシステム |
|
AS7261 データシート(PDF) 20 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7261 データシート(HTML) 20 Page - ams-OSRAM AG |
|
20 / 48 page ![]() ams Datasheet Page 19 [v1-00] 2016-Dec-30 Document Feedback AS7261 − Detailed Descriptions I²C Virtual Register Byte Read Pseudocode Poll I²C slave STATUS register; If TX_VALID bit is 0, the virtual register address for the read may be written; Send a virtual register address; Poll I²C slave STATUS register; If RX_VALID bit is 1, the read data is ready; Read the data. Sample Code: uint8_t i2cm_AS72xx_read(uint8_t virtualReg) { volatile uint8_t status, d ; while (1) { // Read slave I²C status to see if the read buffer is ready. status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG); if ((status & I2C_AS72XX_SLAVE_TX_VALID) == 0) // No inbound TX pending at slave. Okay to write now. break; } // Send the virtual register address (setting bit 7 to indicate a pending write). i2cm_write(I2C_AS72XX_SLAVE_WRITE_REG, virtualReg); while (1) { // Read the slave I²C status to see if our read data is available. status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG) ; if ((status & I2C_AS72XX_SLAVE_RX_VALID) != 0) // Read data is ready. break ; } // Read the data to complete the operation. d = i2cm_read(I2C_AS72XX_SLAVE_READ_REG) ; return d ;s } The details of the i2cm_read() and i2cm_write() functions in previous Figures are dependent upon the nature and implementation of the external I²C master device. |