| データシートサーチシステム |
|
AS7058 データシート(PDF) 43 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 データシート(HTML) 43 Page - ams-OSRAM AG |
|
43 / 199 page ![]() AS7058 Functional description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 43 / 199 / Table 8: Timing parameter measurement modes Symbol Parameter Conditions Min Typ Max Unit tSUB_WAIT subsample wait time Parameter controlled via sub_wait register 0 255 µs tLED_INIT LED initialization time Parameter controlled via led_init register 0 255 µs tMOD_RES ADC modulator reset time Parameter controlled via ppgmod_reset_delay register; ppgmod_clk = 0; 0.4 25.5 µs tSD SINC downsampler start delay Parameter controlled via ppg_start_delay register; ppgmod_clk=0; 0 25.5 µs tSAR_WAIT AAOC SAR wait time Parameter controlled via sar_wait register 0 255 µs tM_COI SAR modulator on time ppgmod_clk=0 2.7 µs ppgmod_clk=1 5.4 µs ppgmod_clk=2 10.8 µs ppgmod_clk=3 21.6 µs The measurement time tMEASURE is influenced by many parameters like modulator clock, filter order and decimation filter setting. Table 9 provides example register configurations with the resulting measurement times tMEASURE depending on the modulator clock settings. In case additional information about different register settings are required please do consult your local ams OSRAM support team for assistance. |