データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7058 データシート(PDF) 170 Page - ams-OSRAM AG

部品番号 AS7058
部品情報  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 データシート(HTML) 170 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 166Page - ams-OSRAM AG AS7058 Datasheet HTML 167Page - ams-OSRAM AG AS7058 Datasheet HTML 168Page - ams-OSRAM AG AS7058 Datasheet HTML 169Page - ams-OSRAM AG AS7058 Datasheet HTML 170Page - ams-OSRAM AG AS7058 Datasheet HTML 171Page - ams-OSRAM AG AS7058 Datasheet HTML 172Page - ams-OSRAM AG AS7058 Datasheet HTML 173Page - ams-OSRAM AG AS7058 Datasheet HTML 174Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
170 / 199
/
8.13.10
ECGIMUX_CFG3 (Address 0xbb)
Table 183: ECGIMUX_CFG3 register
Addr: 0xbb
ECGIMUX_CFG3
Bit
Bit name
Default
Access
Bit description
3
sub3_imux_gain
0
RW
Selects the gain of the output buffer of ECGMOD_IMUX
for the referred sub-sequence, sub3.
0: Gain = 1
1: Gain = 2
2:0
sub3_imux_sel2
0
RW
Selects the input of the second stage multiplexer for the
referred sub-sequence, sub3.
0: Filtered signal coming from first stage multiplexer
1: Unfiltered signal coming from first stage multiplexer
2: ECG lead detection
3: GSR signal
4: BIOZ
5: QDEMOD
6: Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More