| データシートサーチシステム |
|
CSR4550/50BO データシート(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSR4550/50BO データシート(HTML) 4 Page - Clarke International |
|
4 / 8 page ![]() 4 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com ASSEMBLY ADVICE 1. Assemble on a strong, level surface. Avoid assembly on a domestic carpet. 2. Use a cloth or softwood block to protect the surface finish of the product when using a mallet. Strike the flat surface of each beam to prevent damage to the beam. 3. Always ensure that the rivets sit at the bottom of the keyhole slots. 4. It is recommended that the assembly should be done by two persons. 5. The shelving unit is not recommended for outdoor use. ASSEMBLY INSTRUCTIONS TOOLS REQUIRED Rubber mallet or hammer Protective cloth/wood block The tabs of the beams will often enter the slots fully using just firm hand pressure but if they are too tight, you may require a rubber mallet to assist. If so, always use a cloth to protect the product paint finish. Tap gently with the mallet to drive the tabs of the beams fully into the slots in the corner post. Always strike the edge close to the post. 1. Use the short beams (D) to connect the front and rear corner posts together as in Fig 1. NOTE: The edge with the wider flange should be installed uppermost to support the shelf. • Repeat this again to create the other end assembly, making sure that the corresponding beams are at the same height as in Fig 2. |