| データシートサーチシステム |
|
CSR4550/50BO データシート(PDF) 5 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
CSR4550/50BO データシート(HTML) 5 Page - Clarke International |
|
5 / 8 page ![]() 5 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com 2. Join the two end assemblies together with the long beams (C) as in Fig 3. 3. Connect the centre support beams (e) to the long beams (C) by bending the flexible tabs to 90 degrees and slotting them into place as shown in Fig 4. Finally bend the tabs back 180 degrees to lock in place. 4. Fit post joining inserts (F) into the corner posts (A), ensuring that the inserts are fitted with their keyholes to match those of the corner posts. 5. Construct the upper end assemblies onto the post inserts (F) before adding more long beams and centre supports as previously to complete the framework. NOTE: Remember that the top shelf should be fitted at the highest possible position. 6. Lay the shelf panels (B) into position. • Always assemble the top shelf at the highest possible position. |