データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCSP1028 データシート(PDF) 1 Page - Infinite Electronics International, Inc.

部品番号 LCSP1028
部品情報  Type N M/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz - 1GHz DC Block 375W 20kA Blocking Cap and Gas Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  L-COM [Infinite Electronics International, Inc.]
ホームページ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCSP1028 データシート(HTML) 1 Page - Infinite Electronics International, Inc.

  LCSP1028 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCSP1028 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCSP1028 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L-com, Inc. • 50 High St., West Mill, 3rd Floor, Suite #30 North Andover, MA 01845
Phone: 1-800-343-1455 • sales@L-com.com
© 2018 L-com, Inc All Right Reserved
Features
• Surge current of 20kA
• Max Power 375W
• Frequency range from 125 MHz to 1000 MHz
• N Male to N Female connectors
• VSWR 1.1:1
• Multi-strike capability
• CE & RoHS compliant
Applications
• HF, UHF and VHF radios
• Ham radios
• Remote industrial monitoring
.
Description
RF surge protector (also known as lightning arrester) LCSP1028 from L-COM utilizing a proprietary surge protection technol-
ogy protects critical hardware from lightening events while maintaining the RF performance. This RF surge protector com-
ponent is manufactured in a coaxial in-line design with wide operating frequency range. Optional weather proofing kit and
copper cleaning kit are available for purchase separately. All L-COM RF surge protector products are available in stock with
same day shipping.
Electrical Specifications
Surge Protector Type
Blocking Cap and Gas Tube
DC Handling
DC Block
Description
Minimum
Typical
Maximum
Units
Frequency Range
125
1,000
MHz
Impedance
50
Ohms
VSWR
1.1:1
Return Loss
26
dB
Insertion Loss
0.1
dB
Input Power, CW
375
Watts
375W @ 125MHz TO 220MHz
125W @ 220MHz TO 700MHz
50W @ 700MHz TO 1000MHz
Surge Current
20
kAmps
IEC 61000-4-5 8/20µs WAVEFORM
Turn On Voltage
600 ±20 %
Volts
Throughput Energy
3,500
µJ
@ 3kA 8/20µs WAVEFORM
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and
certifications: Type N M/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz - 1GHz DC Block 375W 20kA Blocking Cap and Gas Tube
LCSP1028
LCSP1028 REV 1.0
Type N M/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz
- 1GHz DC Block 375W 20kA Blocking Cap and Gas Tube
RF Surge Protectors Technical Data Sheet
LCSP1028


同様の部品番号 - LCSP1028

メーカー部品番号データシート部品情報
logo
Infinite Electronics In...
LCSP1021 L-COM-LCSP1021 Datasheet
297Kb / 3P
Type N F/F In/Out RF Coaxial Surge Protector 125MHz - 1GHz DC Block 375W 20kA Blocking Cap and Gas Tube
3/9/18
LCSP1022 L-COM-LCSP1022 Datasheet
294Kb / 3P
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz - 1GHz DC Block 500W 20kA Blocking Cap and Gas Tube
3/9/18
LCSP1023 L-COM-LCSP1023 Datasheet
295Kb / 3P
Type N M/F In/Out RF Coaxial Surge Protector 125MHz - 1GHz DC Block 375W 20kA Blocking Cap and Gas Tube
3/9/18
LCSP1024 L-COM-LCSP1024 Datasheet
295Kb / 3P
Type N F/F In/Out Bulkhead RF Coaxial Surge Protector 10MHz - 1GHz DC Block 1.5kW 20kA Blocking Cap and Gas Tube
3/14/18
LCSP1025 L-COM-LCSP1025 Datasheet
293Kb / 3P
Type N F/F In/Out RF Coaxial Surge Protector 1.5MHz - 700MHz DC Block 2kW 50kA Blocking Cap and Gas Tube
3/14/18
More results

同様の説明 - LCSP1028

メーカー部品番号データシート部品情報
logo
Pasternack Enterprises,...
PE73SP1000 PASTERNACK-PE73SP1000 Datasheet
216Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1001 PASTERNACK-PE73SP1001 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1002 PASTERNACK-PE73SP1002 Datasheet
228Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1003 PASTERNACK-PE73SP1003 Datasheet
220Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1033 PASTERNACK-PE73SP1033 Datasheet
258Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1035 PASTERNACK-PE73SP1035 Datasheet
252Kb / 3P
Type N F/F In/Out Coax RF Surge Protector
PE73SP1036 PASTERNACK-PE73SP1036 Datasheet
239Kb / 3P
Type N M/F In/Out Coax RF Surge Protector
PE73SP1048 PASTERNACK-PE73SP1048 Datasheet
213Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
PE73SP1049 PASTERNACK-PE73SP1049 Datasheet
223Kb / 3P
Type N F/M In/Out Bulkhead Coax RF Surge Protector
PE73SP1050 PASTERNACK-PE73SP1050 Datasheet
215Kb / 3P
Type N F/F In/Out Bulkhead Coax RF Surge Protector
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com