データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCSP1028 データシート(PDF) 2 Page - Infinite Electronics International, Inc.

部品番号 LCSP1028
部品情報  Type N M/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz - 1GHz DC Block 375W 20kA Blocking Cap and Gas Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  L-COM [Infinite Electronics International, Inc.]
ホームページ  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCSP1028 データシート(HTML) 2 Page - Infinite Electronics International, Inc.

  LCSP1028 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCSP1028 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCSP1028 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L-com, Inc. • 50 High St., West Mill, 3rd Floor, Suite #30 North Andover, MA 01845
Phone: 1-800-343-1455 • sales@L-com.com
© 2018 L-com, Inc All Right Reserved
Mechanical Specifications
.
Configuration
Input Connector
N Male
Output Connector
N Female
Environmental Specifications
Temperature
Operating Range
-50 to 50 deg C
Storage Range
-55 to +85 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Our portfolio includes cable assemblies, connectors, adapters and custom products, as well as their wireless product line
which includes antennas, RF amplifiers, coaxial lightning and surge protectors, and NEMA rated enclosures.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Type N M/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz - 1GHz DC Block 375W 20kA
Blocking Cap and Gas Tube LCSP1028
URL:
RF Surge Protectors Technical Data Sheet
LCSP1028
Type N M/F In/Out Bulkhead RF Coaxial Surge Protector 125MHz
- 1GHz DC Block 375W 20kA Blocking Cap and Gas Tube
LCSP1028 REV 1.0



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com