| データシートサーチシステム |
|
OTIR3003 データシート(PDF) 4 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
OTIR3003 データシート(HTML) 4 Page - Clarke International |
|
4 / 8 page ![]() 4 INSTRUCTIONS FOR USE OPENING THE PRESSURE VALVE 1. Check to ensure the regulator is completely closed (turn the pressure adjuster knob (4) fully anticlockwise). WARNING: OPENING THE CYLINDER VALVE TOO QUICKLY MAY CAUSE THE GAUGE TO MALFUNCTION. 2. Turn the pressure adjuster (4) very slowly clockwise. The pressure gauge (3) will indicate the outlet pressure. 3. To increase pressure, slowly turn the pressure adjuster (4) clockwise until the reading on the gauge is at the pressure you require. 4. To decrease pressure, slowly turn the pressure adjuster (4) anti-clockwise. 5. As the gas is used up and the pressure drops, compensate by screwing the pressure adjuster (4) clockwise to maintain the outlet pressure. 6. Outlet pressure must not be adjusted higher than the pressure you need to use. SHUTTING DOWN 1. ALWAYS release the pressure from the regulator when not in use, and remember to turn OFF the gas supply as soon as you have finished welding. 2. Close the cylinder valve (1). 3. Release the gas pressure, by operating the welding equipment until the regulator gauge indicates “zero” and no more gas can be heard exhausting. 4. Turn the pressure adjuster (4) anti-clockwise until it is completely closed. Note; ALWAYS close the cylinder valve before attempting to change an empty cylinder. RELIEF VALVE For safety reasons, the pressure regulator is equipped with a pressure relief valve. In case of malfunction, this valve allows gas delivered at excessive pressure to escape. WARNING: DO NOT TAMPER WITH THE PRESSURE RELIEF VALVE. |