データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OTIR3003 データシート(PDF) 3 Page - Clarke International

部品番号 OTIR3003
部品情報  PRESSURE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARKE [Clarke International]
ホームページ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

OTIR3003 データシート(HTML) 3 Page - Clarke International

  OTIR3003 Datasheet HTML 1Page - Clarke International OTIR3003 Datasheet HTML 2Page - Clarke International OTIR3003 Datasheet HTML 3Page - Clarke International OTIR3003 Datasheet HTML 4Page - Clarke International OTIR3003 Datasheet HTML 5Page - Clarke International OTIR3003 Datasheet HTML 6Page - Clarke International OTIR3003 Datasheet HTML 7Page - Clarke International OTIR3003 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
GENERAL SAFETY PRECAUTIONS
IMPORTANT! In addition to the following precautions, you should read,
and fully comply with, all instructions and safety precautions that were
supplied with your Welder. Please keep these instructions in a safe
place for future reference.
1. Incorrect use of the pressure regulator can cause serious damage or
injury.
2. Always check that the regulator is the correct model for the type of gas
being used.
3. This pressure regulator must be treated as a precision instrument and be
protected from impact, dust, oil and dirt.
4. Never use the pressure regulator if it is not in perfect working order.
5. When drawing gas from the cylinder, it must always be stood upright and
be protected from falling.
6. Always ensure that any inlet connection gasket is in place and in good
condition.
ASSEMBLY
CONNECTION OF THE PRESSURE REGULATOR
Note; The numbers in brackets refer to the parts diagram on page 6.
1. Check to ensure the pressure regulator is correct both for the type of gas
and the pressure in the cylinder to be used.
2. Turn the pressure adjuster (4) fully anti-clockwise, (towards the - mark) to
ensure the pressure adjuster valve is closed.
3. Before screwing on the pressure regulator, ensure that the outlet is
absolutely free from any impurities or contamination.
4. Replace any gasket if damaged or lost (CO2 applications ONLY).
5. Screw the inlet connection (2) tightly to the cylinder valve, using a suitable
spanner.
HOSE CONNECTION
1. Attach the hose to the hose outlet connection (5) and tighten with
suitable worm drive clamps (not provided), ensuring the connection is
tight.



Html Pages

1 2 3 4 5 6 7 8