| データシートサーチシステム |
|
HS1 データシート(PDF) 24 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
HS1 データシート(HTML) 24 Page - Clarke International |
|
24 / 32 page ![]() 24 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com TROUBLESHOOTING Your CLARKE MIG Welder has been designed to give long and trouble free service. If however, having followed the instructions in this booklet carefully you still encounter problems, the following points should help identify and resolve them. PROBLEM CAUSE SOLUTION No response from welder. Check fuses, power switch and mains lead. Replace fuses as necessary. If problem persists return welder to your local dealer. Check fuse size. Welder does not feed wire. Feed motor has malfunctioned. Return welder to your local dealer. Feed motor running but no wire being fed from welder tip. Insufficient Feed Roller pressure. Increase roller pressure. Burr on end of wire. Re-cut wire square with no burr. Liner blocked or damaged. Clean with compressed air or replace liner. Inferior wire Use only good “clean” wire. Roller worn out. Replace roller. Wire welds itself to tip. Wire feed speed too low. Unscrew tip, cut wire and fit new tip. Increase wire speed before operating again. Wrong size tip. Fit correct size tip. Wire feeds into ‘birds nest’ tangle. Wire welded to tip. As above plus reduce feed roller pressure. Wire liner damaged preventing smooth operation. Renew wire liner. |