データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XRAG2 データシート(PDF) 12 Page - STMicroelectronics

部品番号 XRAG2
部品情報  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 データシート(HTML) 12 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 8Page - STMicroelectronics XRAG2 Datasheet HTML 9Page - STMicroelectronics XRAG2 Datasheet HTML 10Page - STMicroelectronics XRAG2 Datasheet HTML 11Page - STMicroelectronics XRAG2 Datasheet HTML 12Page - STMicroelectronics XRAG2 Datasheet HTML 13Page - STMicroelectronics XRAG2 Datasheet HTML 14Page - STMicroelectronics XRAG2 Datasheet HTML 15Page - STMicroelectronics XRAG2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
XRAG2 command list
XRAG2
12/33
3
XRAG2 command list
The XRAG2 offers Select, Inventory, and Access commands sets as described in the
EPCglobal class 1 generation 2 UHF RFID specification, revision 1.0.9:
●
Select command set:
–Select
●
Inventory command set:
–Query
–QueryAdjust
–QueryRep
–ACK
–NAK
●
Access command set:
–
Req_RN
–Read
–Write
–
Kill
–
Lock
–
Access
–
BlockWrite
–BlockErase
For a detailed description of the commands, see Section 8: XRAG2 command descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33