データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XRAG2 データシート(PDF) 28 Page - STMicroelectronics

部品番号 XRAG2
部品情報  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 データシート(HTML) 28 Page - STMicroelectronics

Back Button XRAG2 Datasheet HTML 24Page - STMicroelectronics XRAG2 Datasheet HTML 25Page - STMicroelectronics XRAG2 Datasheet HTML 26Page - STMicroelectronics XRAG2 Datasheet HTML 27Page - STMicroelectronics XRAG2 Datasheet HTML 28Page - STMicroelectronics XRAG2 Datasheet HTML 29Page - STMicroelectronics XRAG2 Datasheet HTML 30Page - STMicroelectronics XRAG2 Datasheet HTML 31Page - STMicroelectronics XRAG2 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
XRAG2 command descriptions
XRAG2
28/33
Figure 19.
Access command state diagram
1.
Please refer to EPCglobal Class 1 generation 2 RFID UHF specification, revision 1.0.9 for a complete
description of each command, state transition cases, and tag reply.
Acknowledged
ACK
Req_RN(RN161) and
access_password
≠ 0
Open
Secured
Killed
ACK, (handle), Req_RN, Read, Write,
Lock, BlockWrite, BlockErase,
invalid Kill(1)
All commands
Access (Handle,
access_password)
Tag backscatters
Handle when done
Power up and Killed
ai12333b
ACK, (handle), Req_RN, Read, Write,
Lock, BlockWrite, BlockErase,
invalid Kill(1)
Tag backscatters
RN162 = Handle
Tag backscatters
RN162 = Handle
Kill (Handle, kill password
≠ 0)
Req_RN(RN161) and access_password=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33