データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MK50H28DIP データシート(PDF) 46 Page - STMicroelectronics

部品番号 MK50H28DIP
部品情報  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28DIP データシート(HTML) 46 Page - STMicroelectronics

Back Button MK50H28DIP Datasheet HTML 42Page - STMicroelectronics MK50H28DIP Datasheet HTML 43Page - STMicroelectronics MK50H28DIP Datasheet HTML 44Page - STMicroelectronics MK50H28DIP Datasheet HTML 45Page - STMicroelectronics MK50H28DIP Datasheet HTML 46Page - STMicroelectronics MK50H28DIP Datasheet HTML 47Page - STMicroelectronics MK50H28DIP Datasheet HTML 48Page - STMicroelectronics MK50H28DIP Datasheet HTML 49Page - STMicroelectronics MK50H28DIP Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
4.4.2.1 User Mode (Auto LMI Mode) - Continued
In User Mode the MK50H28 will perform the following functions:
1. Transmit STATUS ENQUIRY frames at an interval determined by the nT1 timer.
2. After every nN1 transmissions of STATUS ENQUIRY with Report Type of ”LIV Only” the
MK50H28 transmits a STATUS ENQUIRY with Report Type of ”Full Status”.
3. When a STATUS frame is received in response to a STATUS ENQUIRY, the receive sequence
number received from the Network side is checked against the User send sequence number.
4. A received Full STATUS frame will be stored into the LMI channel buffer, the sequence number
checking will be performed, and its reception will be indicated via Provider Primitive 13.
5. A received Asynchronous STATUS frame will be stored into the LMI channel buffer and its recep-
tion will be indicated via Provider Primitive 14.
6. An available transmit or receive buffer is not required for the MK50H28 automatic processing of
”LIV only” frames.
7. A STATUS ENQUIRY frame (Full or LIV only) received in User mode will be discarded and the
Discarded Frames Counter in Context Table entry 0 will be incremented.
4.4.2.2 Network Mode (Auto LMI Mode)
The following procedure should be followed for establishing a link.
1. Make sure that the ACTIVE bit in the ALT is set for the LMI channel.
2. Issue the Auto LMI Primitive 7 with UPARM = 1 through CSR1 (write 5700H) to place the device
in Auto LMI Network Mode.
In Network Mode the MK50H28 will perform the following functions:
1. Automatically responds to STATUS ENQUIRY with Report Type of ”LIV Only” by transmitting a
STATUS frame with Report Type of ”LIV Only” along with restarting the nT2 timer.
2. When a STATUS ENQUIRY with Report Type of ”Full Status” is received, the device issues the
LMI Received primitive 13 (with PPARM=1) and expects the host to respond with an LMI Status
Request Primitive 11 with UPARM=0 (when ready to transmit the Full STATUS frame).
3. An available transmit or receive buffer is not required for the MK50H28 automatic processing of
”LIV only” frames.
4. Asynchronous STATUS frames may be transmitted by placing the data to be transmitted into the
appropriate buffer and issueing Primtive 11 with UPARM=2.
5. A STATUS frame (Full, LIV Only, or Asynchronous) received in Network mode will be discarded
and the Discarded Frames Counter in Context Table entry 0 will be incremented.
4.4.2.3 Bi-directional Procedures (Auto LMI Mode)
The following procedure should be followed to implement the Optional Bi-directional Procedures
1. Make sure that the ACTIVE bit in the ALT and TXRDY in the CT are set for the LMI channel.
2. Make sure that the Transmit Ring Pointer, Current Transmit Descriptor and address field informa-
tion in the CT is valid. This is necessary for transmission of Full STATUS frame.
3. Issue the Auto LMI Primitive with UPARM = 2 through CSR1 (write 6700H) to place the device in
Bi-directional Mode. In Bi-directional Mode the MK50H28 will transmit STATUS ENQUIRY
frames with one set of sequence numbers and use a separate set of sequence numbers to proc-
ess received STATUS ENQUIRY frames. STATUS frames will be sent with the separate set of
sequence numbers differing from those used in the processing of recived STATUS frames.
In Bi-directional Mode the MK50H28 will perform the following functions:
1. The MK50H28 supports this operation using separate User and Network sequence numbers and
N392 and N393 counters.
2. The MK50H28 transmits STATUS ENQUIRY messages with a User set of sequence numbers at
an interval determined by the nT1/T391 timer. The expected response is a STATUS frame with
corresponding sequence numbers.
MK50H28
46/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64