| データシートサーチシステム |
|
MK50H28DIP データシート(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H28DIP データシート(HTML) 60 Page - STMicroelectronics |
|
60 / 64 page ![]() SYSCLK ADR DAS READ (Write) DAL0-15 DATA IN CS READY 1. Input setup and hold times are the minimum values required to or from the particular edge specified in order to be recognized in that cycle. 2. Output delay times are from the specified edge to a valid output. NOTES: 53 52 54 55 56 57 58 59 62 63 39 38 Figure 14: MK50H28 BUS Slave Timing Diagram (Write) MK50H28 60/64 |