| データシートサーチシステム |
|
M51995AFP データシート(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M51995AFP データシート(HTML) 14 Page - Renesas Technology Corp |
|
14 / 41 page ![]() M51995AP/AFP REJ03D0835-0201 Rev.2.01 Nov 14, 2007 Page 14 of 40 Application Example (1) Example application circuit diagram of feed forward regulator M51995AP 1 2 4 3 14 13 15 9 10 11 12 8 6 7 5 16 + + + + + + + AC CFIN A CF CT RON ROFF CVCC R2 R1 A OVP F/B ON/OFF VOUT1 VOUT2 Note: Pin No. is related with M51995AP (2) Example application circuit diagram of fly-back regulator RON M51995AP 1 2 4 3 14 13 15 9 10 11 12 8 6 7 5 16 + + + Note: Pin No. is related with M51995AP R1 OVP F/B R21 R22 CVCC ROFF CF AC CFIN VOUT |