| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 14 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 14 Page - Omron Electronics LLC |
|
14 / 20 page ![]() A22E 14 Panel Cutouts A Lock Ring is provided as a standard feature. • When painting or coating the panel, make sure that the specified panel dimensions apply to the panel after painting or coating. • Use an A22Z-R25 Ring when mounting to a panel with a 25-mm diameter hole. Terminal Arrangement (Bottom View) Terminal Connection Note: The above terminal connection diagrams are examples for 1NO + 1NC and 2NC (1NC + 1NC). Without Lock Fitting With Lock Fitting 0.8R max. 3.2 +0.2 0 24.1 +0.4 0 22.3 +0.4 dia. 0 25 +0.5 dia. 0 22.3 +0.4 dia. 0 Non-lighted (two contacts) Non-lilghted (three contacts) Lighted Switch Blocks M3.5 screws 16.7 20.7 16.7 10 Switch Blocks Lamp Socket Switch Blocks 22 10 Type Terminal connection (BOTTOM VIEW) 1NO + 1NC 2NC (1NC + 1NC) 1NO + 2NC (1NC + 1NC) 3NC (1NC + 1NC + 1NC) Non-lighted Lighted without Voltage Reduction Unit Lighted with Voltage Reduction Unit 3 4 1 2 1 2 1 2 3 4 1 2 1 2 1 2 1 2 1 2 1 2 X2 X1 X 3 4 1 2 1 2 X2 X1 X X1 X2 1 2 X 3 4 X1 X2 X 1 2 1 2 |