| データシートサーチシステム |
|
A22Z-R25 データシート(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22Z-R25 データシート(HTML) 2 Page - Omron Electronics LLC |
|
2 / 20 page ![]() 2 A22E Ordering Information List of Models (Completely Assembled) Non-lighted Models * Models with Korean S-mark certification. Note: 1. Yellow cap models are also available (not for emergency stop use). Contact your OMRON representative. 2. The Operation Unit of A22E exept models with EMO/EMS indication is red. (The engraved mark is not white.) With EMO/EMS Indication (non-lighted) * Models with Korean S-mark certification. Note: The colors of switch blocks are the followings: 1NO: black 1NC: red The above illustration shows the 2NC (1NC + 1NC) classification. Operating Set Model Color of cap Appearance Contact Configuration 40-dia. head Medium Push-pull A22E-MP 1NC A22E-MP-01 Red 1NO + 1NC A22E-MP-11 2NC (1NC + 1NC) A22E-MP-02 30-dia. head Small Push-lock Turn-reset A22E-S 1NC A22E-S-01 * 1NO + 1NC A22E-S-11 * 2NC (1NC + 1NC) A22E-S-02 * 1NO + 2NC (1NC + 1NC) A22E-S12 * 3NC (1NC + 1NC + 1NC) A22E-S-03 * 40-dia. head Medium Push-lock Turn-reset A22E-M 1NC A22E-M-01 * 1NO + 1NC A22E-M-11 * 2NC (1NC + 1NC) A22E-M-02 * 1NO + 2NC (1NC + 1NC) A22E-M-12 * 3NC (1NC + 1NC + 1NC) A22E-M-03 * 60-dia. head Large Push-lock Turn-reset A22E-L 1NC A22E-L-01 * 1NO + 1NC A22E-L-11 * 2NC (1NC + 1NC) A22E-L-02 * Operating Set Model Color of cap Appearance Contact Configuration 40-dia. head Medium Push-lock Turn-reset With EMO Indication 1NC A22E-M-01-EMO * Red 1NO + 1NC A22E-M-11-EMO * 2NC (1NC + 1NC) A22E-M-02-EMO * 1NO + 2NC (1NC + 1NC) A22E-M-12-EMO * 3NC (1NC + 1NC + 1NC) A22E-M-03-EMO * 40-dia. head Medium Push-lock Turn-reset With EMS Indication 1NC A22E-M-01-EMS * 1NO + 1NC A22E-M-11-EMS * 2NC (1NC + 1NC) A22E-M-02-EMS * 1NO + 2NC (1NC + 1NC) A22E-M-12-EMS * 3NC (1NC + 1NC + 1NC) A22E-M-03-EMS * |