データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

252A103CNB データシート(PDF) 2 Page - CTS Corporation

部品番号 252A103CNB
部品情報  Two Axis, Ministick Controller With Optional Momentary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTS [CTS Corporation]
ホームページ  http://www.ctscorp.com
Logo CTS - CTS Corporation

252A103CNB データシート(HTML) 2 Page - CTS Corporation

  252A103CNB Datasheet HTML 1Page - CTS Corporation 252A103CNB Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
mm
CTS Series 252
252
A
103
C
60
N
A
RESIST TOL
A – ±10%
B – ±20%
C – ±30%
TAP CONFIGURATION
N – NO TAP
T – 4° TAP AT CENTER
ROTATIONAL
ANGLE
40 – 40º
Operating Temperature
-10°C to +70°C
Mounting Information
PC Terminals
Soldering Conditions
Wave - up to 5 seconds at 260°C
No Solder or flux on component side of board
Electrical and Mechanical Specifications
RESISTANCE CODE
EXAMPLES
CODE RESISTANCE
103
10K
203
20K
503
50K
104
100K
124
120K
154
150K
DRIVE ARM LENGTH
DIM "L"
A – 19.3mm
inch
DIMENSION:
FROM MOUNTING SIDE
MOUNTING HOLE DETAIL VIEWED
-0.0 (4)
Ø1.3
CENT.
5.00
13.30
2
CENT.
1
d
c
3.00
OPTIONAL SWITCH
Ø1.0
3
HOLES FOR
(4)
-0.0
+0.1
b
a
(6)
Ø1.0+0.1
-0.0
4.50
CENT.
.177
+0.1
.051 +.004
-.000
-.000
+.004
.039
.118
.039+.004
-.000
TERMINALS
.524
.197
B – 24.3mm
LENGTH FROM
MOUNTING SURFACE
50 – 50º
60 – 60º
Potentiometer 1 & 2
SWITCH
CONFIGURATION
A – W/O SWITCH
B – MOMENTARY SWITCH
2 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
6/20/06
CTS Electronic Components
www.ctscorp.com
11.2
16.0
CENT.
9.5
VR 2
CENT.
9.3
OPERATION ANGLE
(ALL DIRECTION)
0.8±0.1(6)
1 2
1.1(4)
3
53°~63°
A
A
11.8
CIRCUIT DIAGRAM
SWITCH
d
b
c
a
1.90±0.05
SECTION A-A
SCALE : 10X
1.20±0.05
.366
.441
.630
.374
.465
.043
.031±.004
.047±.002
.075±.002



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com