データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

252A103CNB データシート(PDF) 1 Page - CTS Corporation

部品番号 252A103CNB
部品情報  Two Axis, Ministick Controller With Optional Momentary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTS [CTS Corporation]
ホームページ  http://www.ctscorp.com
Logo CTS - CTS Corporation

252A103CNB データシート(HTML) 1 Page - CTS Corporation

  252A103CNB Datasheet HTML 1Page - CTS Corporation 252A103CNB Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Potentiometer 1 & 2
Resistance Range
10 K ohms through 200 K ohms
Resistance Tolerance
Standard: ±30%
Special: ±10% and ± 20% available
Insulation Resistance
100 Megaohms min @ 250 VDC
Rotational Torque of Stick
200 ± 80 gf.cm at 10° deflection
Power Rating
0.0125 watt @ 50°C, Derated to no load at 85°C
Operating Voltage
50 VAC or 5 VDC maximum
Angle of Rotation
60° maximum
Life
Available Switch
Type
Momentary
Contact Resistance
100 milliohms max
Dielectric Strength
250 VAC 50/60 Hz for 1 minute
Insulation Resistance
100 Megaohms min @ 100 VDC
Operational Force
800±200 g
Power Rating
12 VDC, 50 mA maximum
Travel
0.9 ± 0.4mm
Switch Life
500,000 cycles
Two Axis, Ministick
Controller With
Optional Momentary
Switch
Features
• Compact Size (20x21x13mm)
• Long Life 1 Million Cycles
• Optional momentary switch is
operational at all rotations
• Sturdy metal case with convenient
mounting tabs
Electrical and Mechanical Specifications
Series 252
• RoHS compliant
RoHS Compliance
Compliant with European Union RoHS Directive
Maximum Contact Resistance
200 milliohms max after 500,000 cycles
switching 5mA @ 5VDC
®
1 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
6/20/06
CTS Electronic Components
www.ctscorp.com
Standard: 1,000,000 cycles
Special: Consult CTS
Pat. No: US 6,353,430 , Taiwan: 128688. Pat. Pending in Japan & China


同様の部品番号 - 252A103CNB

メーカー部品番号データシート部品情報
logo
CTS Corporation
252A103C40NA CTS-252A103C40NA Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
252A103C40NB CTS-252A103C40NB Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
252A103C40TA CTS-252A103C40TA Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
252A103C40TB CTS-252A103C40TB Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
252A103C50NA CTS-252A103C50NA Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
More results

同様の説明 - 252A103CNB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AMC102 ETC2-AMC102 Datasheet
490Kb / 7P
Two-axis precision servo controller module
logo
CTS Corporation
253 CTS-253 Datasheet
4Mb / 2P
Two Axis, Ministick Controller With Optional Momentary Switch
254 CTS-254 Datasheet
377Kb / 2P
Two Axis, Micro-stick Controller With Optional Momentary Switch
logo
LUMEX INC.
CLS-PC11A125S00G LUMEX-CLS-PC11A125S00G Datasheet
49Kb / 1P
ILLUMINATED MOMENTARY SWITCH
CLS-PC11A125S00R LUMEX-CLS-PC11A125S00R Datasheet
49Kb / 1P
ILLUMINATED MOMENTARY SWITCH
CLS-PC11A125S00Y LUMEX-CLS-PC11A125S00Y Datasheet
49Kb / 1P
ILLUMINATED MOMENTARY SWITCH
logo
CTS Corporation
252A103A40NA CTS-252A103A40NA Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
logo
Molex Electronics Ltd.
130128-0101 MOLEX11-130128-0101 Datasheet
31Kb / 1P
Super-Safeway Switch Replacement, Two Speed Momentary
1301280101 MOLEX11-1301280101 Datasheet
55Kb / 1P
Super-Safeway Switch Replacement, Two Speed Momentary
logo
CTS Corporation
254TB103C50A CTS-254TB103C50A_10 Datasheet
365Kb / 2P
Two Axis, Ultra-miniature Joystick With Optional Momentary Switch
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com