| データシートサーチシステム |
|
DPB22-R01C データシート(PDF) 8 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DPB22-R01C データシート(HTML) 8 Page - Hylec-APL Ltd. All rights reserved. |
|
8 / 35 page ![]() 14 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 15 Control Stations & Enclosures DE Enclosure Features: • 4 sixes available - standard & deep base • Sealed to IP67 • Complete with M20 cable knockouts • Captive plastic screws in lid • Available in standard and deep base • Suitable for enclosing printed circuit boards • Unique snap-on DIN rail and flange brackets available • Also available in ABS-UL94 and Polycarbonate • Temperature rating of –10° to +65° DE01 Enclosure Standard Base - 53mm DE01 Deep Base - 78mm DE02 Enclosure Standard Base 53mm DE02 Deep Base - 78mm Product Code IP Rating Colour Material Size H (mm) W (mm) D (mm) Temp Rating DE01S-A-BB-0 IP67 Black / Black ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-GG-0 IP67 Grey / Grey ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-BG-0 IP67 Black /Grey ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-GB-0 IP67 Grey/ Black ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-TB-0 IP67 Transparent/ Black ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-A-TG-0 IP67 Transparent/ Grey ABS-UL94-HB DE01S 80 73 53 -10c to +65c DE01S-P-BB-0 IP67 Black/ Black Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-P-GG-0 IP67 Grey/ Grey Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-A-BG-0 IP67 Black /Grey Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-A-GB-0 IP67 Grey/ Black Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-P-TB-0 IP67 Transparent/ Black Polycarbonate DE01S 80 73 53 -10c to +65c DE01S-P-TG-0 IP67 Transparent/ Grey Polycarbonate DE01S 80 73 53 -10c to +65c DE01D-A-BB-0 IP67 Black/ Black ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-GG-0 IP67 Grey/ Grey ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-BG-0 IP67 Black /Grey ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-GB-0 IP67 Grey/ Black ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-TB-0 IP67 Transparent/ Black ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-A-TG-0 IP67 Transparent/ Grey ABS-UL94-HB DE01D 80 73 78 -10c to +65c DE01D-P-BB-0 IP67 Black/ Black Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-P-GG-0 IP67 Grey/ Grey Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-A-BG-0 IP67 Black /Grey Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-A-GB-0 IP67 Grey/ Black Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-P-TB-0 IP67 Transparent/ Black Polycarbonate DE01D 80 73 78 -10c to +65c DE01D-P-TG-0 IP67 Transparent/ Grey Polycarbonate DE01D 80 73 78 -10c to +65c DE02S-A-BB-0 IP67 Black/ Black ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-GG-0 IP67 Grey/ Grey ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-BG-0 IP67 Black /Grey ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-GB-0 IP67 Grey/ Black ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-TB-0 IP67 Transparent/ Black ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-A-TG-0 IP67 Transparent/ Grey ABS-UL94-HB DE02S 80 106 53 -10c to +65c DE02S-P-BB-0 IP67 Black/ Black Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-P-GG-0 IP67 Grey/ Grey Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-A-BG-0 IP67 Black /Grey Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-A-GB-0 IP67 Grey/ Black Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-P-TB-0 IP67 Transparent/ Black Polycarbonate DE02S 80 106 53 -10c to +65c DE02S-P-TG-0 IP67 Transparent/ Grey Polycarbonate DE02S 80 106 53 -10c to +65c Product Code IP Rating Colour Material Size H (mm) W (mm) D (mm) Temp Rating DE02D-A-BB-0 IP67 Black/ Black ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-GG-0 IP67 Grey/ Grey ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-BG-0 IP67 Black /Grey ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-GB-0 IP67 Grey/ Black ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-TB-0 IP67 Transparent/ Black ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-A-TG-0 IP67 Transparent/ Grey ABS-UL94-HB DE02D 80 106 78 -10c to +65c DE02D-P-BB-0 IP67 Black/ Black Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-P-GG-0 IP67 Grey/ Grey Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-A-BG-0 IP67 Black /Grey Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-A-GB-0 IP67 Grey/ Black Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-P-TB-0 IP67 Transparent/ Black Polycarbonate DE02D 80 106 78 -10c to +65c DE02D-P-TG-0 IP67 Transparent/ Grey Polycarbonate DE02D 80 106 78 -10c to +65c DE Enclosures - No Hole DE03S-A-BB-0 IP67 Black/ Black ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-GG-0 IP67 Grey/ Grey ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-BG-0 IP67 Black /Grey ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-GB-0 IP67 Grey/ Black ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-TB-0 IP67 Transparent/ Black ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-A-TG-0 IP67 Transparent/ Grey ABS-UL94-HB DE03S 80 139 53 -10c to +65c DE03S-P-BB-0 IP67 Black/ Black Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-P-GG-0 IP67 Grey/ Grey Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-A-BG-0 IP67 Black /Grey Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-A-GB-0 IP67 Grey/ Black Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-P-TB-0 IP67 Transparent/ Black Polycarbonate DE03S 80 139 53 -10c to +65c DE03S-P-TG-0 IP67 Transparent/ Grey Polycarbonate DE03S 80 139 53 -10c to +65c DE03 Enclosure Standard Base 53mm Deep Base - 78mm DE03D-A-BB-0 IP67 Black/ Black ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-GG-0 IP67 Grey/ Grey ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-BG-0 IP67 Black /Grey ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-GB-0 IP67 Grey/ Black ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-TB-0 IP67 Transparent/ Black ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-A-TG-0 IP67 Transparent/ Grey ABS-UL94-HB DE03D 80 139 78 -10c to +65c DE03D-P-BB-0 IP67 Black/ Black Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-P-GG-0 IP67 Grey/ Grey Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-A-BG-0 IP67 Black /Grey Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-A-GB-0 IP67 Grey/ Black Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-P-TB-0 IP67 Transparent/ Black Polycarbonate DE03D 80 139 78 -10c to +65c DE03D-P-TG-0 IP67 Transparent/ Grey Polycarbonate DE03D 80 139 78 -10c to +65c DE04 Enclosure Standard Base 53mm DE04S-A-BB-0 IP67 Black/ Black ABS-UL94-HB DE04S 80 172 53 -10c to +65c DE04S-A-GG-0 IP67 Grey/ Grey ABS-UL94-HB DE04S 80 172 53 -10c to +65c DE04S-A-BG-0 IP67 Black /Grey ABS-UL94-HB DE04S 80 172 53 -10c to +65c DE04S-A-GB-0 IP67 Grey/ Black ABS-UL94-HB DE04S 80 172 53 -10c to +65c DE04S-A-TB-0 IP67 Transparent/ Black ABS-UL94-HB DE04S 80 172 53 -10c to +65c DE04S-A-TG-0 IP67 Transparent/ Grey ABS-UL94-HB DE04S 80 172 53 -10c to +65c DE04S-P-BB-0 IP67 Black/ Black Polycarbonate DE04S 80 172 53 -10c to +65c DE04S-P-GG-0 IP67 Grey/ Grey Polycarbonate DE04S 80 172 53 -10c to +65c DE04S-A-BG-0 IP67 Black /Grey Polycarbonate DE04S 80 172 53 -10c to +65c DE04S-A-GB-0 IP67 Grey/ Black Polycarbonate DE04S 80 172 53 -10c to +65c DE04S-P-TB-0 IP67 Transparent/ Black Polycarbonate DE04S 80 172 53 -10c to +65c DE04S-P-TG-0 IP67 Transparent/ Grey Polycarbonate DE04S 80 172 53 -10c to +65c |