データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DPB22-R01C データシート(PDF) 19 Page - Hylec-APL Ltd. All rights reserved.

部品番号 DPB22-R01C
部品情報  Control Stations & Enclosures
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HYLEC [Hylec-APL Ltd. All rights reserved.]
ホームページ  https://www.hylec-apl.com/
Logo HYLEC - Hylec-APL Ltd. All rights reserved.

DPB22-R01C データシート(HTML) 19 Page - Hylec-APL Ltd. All rights reserved.

Back Button DPB22-R01C Datasheet HTML 15Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 16Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 17Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 18Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 19Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 20Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 21Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 22Page - Hylec-APL Ltd. All rights reserved. DPB22-R01C Datasheet HTML 23Page - Hylec-APL Ltd. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
36
MAKING THE RIGHT CONNECTIONS
T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com
37
Cable Glands
Rutaseal - IP67 Cable Retention Grommet (Continued)
Metric Rutaseal Light - IP67 Cable Retention Grommet
1458293
M12
0,5 - 2
RAL 9005 - Black
EPDM
12,8
5,6
20
4-7
-40 to +110C
1458294
M16
1 - 4
RAL 9005 - Black
EPDM
17,7
11
21
5-9
-40 to +110C
1458295
M20
1 - 4
RAL 9005 - Black
EPDM
20
13,4
25,5
8-13
-40 to +110C
1458296
M25
1 - 4
RAL 9005 - Black
EPDM
21,3
15,3
30,5
11-17
-40 to +110C
1458297
M32
1 - 4
RAL 9005 - Black
EPDM
24,6
18,6
38,5
15-20
-40 to +110C
1458298
M40
1 - 4
RAL 9005 - Black
EPDM
29,5
21,7
48,5
19-28
-40 to +110C
1458299
M50
1 - 4
RAL 9005 - Black
EPDM
34,8
25
60,5
27-35
-40 to +110C
1458253
M12
0,5 - 2
RAL 9005 - Black
Chloroprene
12,8
5,6
20
4-7
-30 to +100C
1458254
M16
1 - 4
RAL 9005 - Black
Chloroprene
17,7
11
21
5-9
-30 to +100C
1458255
M20
1 - 4
RAL 9005 - Black
Chloroprene
20
13,4
25,5
8-13
-30 to +100C
1458256
M25
1 - 4
RAL 9005 - Black
Chloroprene
21,3
15,3
30,5
11-17
-30 to +100C
1458257
M32
1 - 4
RAL 9005 - Black
Chloroprene
24,6
18,6
38,5
15-20
-30 to +100C
1458258
M40
1 - 4
RAL 9005 - Black
Chloroprene
29,5
21,7
48,5
19-28
-30 to +100C
1458259
M50
1 - 4
RAL 9005 - Black
Chloroprene
34,8
25
60,5
27-35
-30 to +100C
1458334
M16
1 - 4
RAL 7035 - Grey
EPDM
17,5
11
21
5-9
-40 to +110C
1458335
M20
1 - 4
RAL 7035 - Grey
EPDM
19,6
13,4
25,5
8-12
-40 to +110C
1458336
M25
1 - 4
RAL 7035 - Grey
EPDM
20,9
15,3
30,5
11-16
-40 to +110C
1458326
M16
1 - 4
RAL 7001 - Grey
EPDM
17,5
11
21
5-9
-40 to +110C
1458327
M20
1 - 4
RAL 7001 - Grey
EPDM
19,6
13,4
25,5
8-12
-40 to +110C
1458328
M25
1 - 4
RAL 7001 - Grey
EPDM
20,9
15,3
30,5
11-16
-40 to +110C
1458330
M16
1 - 4
RAL 9005 - Black
EPDM
17,5
11
21
5-9
-40 to +110C
1458331
M20
1 - 4
RAL 9005 - Black
EPDM
19,6
13,4
25,5
8-12
-40 to +110C
1458332
M25
1 - 4
RAL 9005 - Black
EPDM
20,9
15,3
30,5
11-16
-40 to +110C
IP67 Cable Grommets
Rutaseal - IP67 Cable Retention Grommet
Product Code
Size
For Panel
Thickness (mm)
Colour
Material
H
(mm)
H1
(mm)
D
(mm)
ØC
(mm)
Temp Rating
1458303
M12
0,5 - 2
RAL 7035 - Grey
EPDM
12,8
5,6
20
4-7
-40 to +110C
1458304
M16
1 - 4
RAL 7035 - Grey
EPDM
17,7
11
21
5-9
-40 to +110C
1458305
M20
1 - 4
RAL 7035 - Grey
EPDM
20
13,4
25,5
8-13
-40 to +110C
1458306
M25
1 - 4
RAL 7035 - Grey
EPDM
21,3
15,3
30,5
11-17
-40 to +110C
1458307
M32
1 - 4
RAL 7035 - Grey
EPDM
24,6
18,6
38,5
15-20
-40 to +110C
1458308
M40
1 - 4
RAL 7035 - Grey
EPDM
29,5
21,7
48,5
19-28
-40 to +110C
1458309
M50
1 - 4
RAL 7035 - Grey
EPDM
34,8
25
60,5
27-35
-40 to +110C
1458233
M12
0,5 - 2
RAL 7001 - Grey
EPDM
12,8
5,6
20
4-7
-40 to +110C
1458234
M16
1 - 4
RAL 7001 - Grey
EPDM
17,7
11
21
5-9
-40 to +110C
1458235
M20
1 - 4
RAL 7001 - Grey
EPDM
20
13,4
25,5
8-13
-40 to +110C
1458236
M25
1 - 4
RAL 7001 - Grey
EPDM
21,3
15,3
30,5
11-17
-40 to +110C
1458237
M32
1 - 4
RAL 7001 - Grey
EPDM
24,6
18,6
38,5
15-20
-40 to +110C
1458238
M40
1 - 4
RAL 7001 - Grey
EPDM
29,5
21,7
48,5
19-28
-40 to +110C
1458239
M50
1 - 4
RAL 7001 - Grey
EPDM
34,8
25
60,5
27-35
-40 to +110C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35