| データシートサーチシステム |
|
E39-R3 データシート(PDF) 24 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R3 データシート(HTML) 24 Page - Omron Electronics LLC |
|
24 / 38 page ![]() E3X-NH E3X-NH 24 E32-T21 E32-T14L E32-T24 E32-T14 Optical axis Two, 3.2 dia. Optical fiber, 2.2 dia. 10-mm-dia. lens (PMMA) Sensing head (ABS) M14 x 1 Two hexagon clamping nuts Optical fiber, 2.2 dia. E32-T17L E32-T12F 4-mm- dia. lens Sensing head, 5 dia. Fluoride resin 4 dia. Optical fiber, 2.2 dia. Four, 0.25 dia. Optical fiber, 1 dia. Fiber attachment (E39-F9) Two toothed washers Two hexagon clamping nuts Protective tube Sensing head (nickel-plated brass) M3 x 0.5 Sensing head 1 dia. SUS304 2 dia. 1.4 dia. Optical fiber, 1 dia. Heat-shrinking tubing Fiber attachment (E39-F9) Lens unit (PMMA) 4.4 dia. Heat resistive ABS 3 dia. Sensing head, 3 dia. (stainless) Heat-shrinking tubing Optical fiber, 2.2 dia. Sensing surface Nitrile rubber E32-T14F Sensing head, 5 dia. Fluoride resin 4 dia. Optical fiber, 2.2 dia. Optical axis E32-T21R E32-T11 Sixteen, 0.265 dia. M2.6 x 0.45 Sensing head (nickel-plated brass) M4 x 0.7 Two toothed washers Two hexagon clamping nuts Protective tube Optical fiber, 2.2 dia. Two toothed washers Two hexagon clamping nuts Sensing head M3 (nickel-plated brass) Optical fiber, 2.2 dia. 151-0.037 dia. 3 dia. |