| データシートサーチシステム |
|
E39-R3 データシート(PDF) 38 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R3 データシート(HTML) 38 Page - Omron Electronics LLC |
|
38 / 38 page ![]() E3X-NH E3X-NH 38 Use the attached saddle to secure the end cap of the Protective Spi- ral Tube. To secure the Protective Spiral Tube at a position other than the end cap, apply tape to the tube so that the portion becomes thicker in diameter. End cap WARNING The E3X-NH/NHB is not a safety component for ensuring the safety of people as defined in EC Directive 91/368/EEC, or as covered by separate European standards or by any other reg- ulations or standards. Reflector Observe the Following Precautions when Using the Reflec- tor (E39-R3) Use detergent, etc., to remove any dust or oil from the surfaces where tape is applied. Adhesive tape will not be attached properly if oil or dust remains on the surface. The E39-R3 cannot be used in places where it is exposed to oil or chemicals. ALL DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527. Cat. No. E258-E1-3 In the interest of product improvement, specifications are subject to change without notice. Printed in Japan 0698-1.5M (0297) a OMRON Corporation Industrial Sensors Division Sensing Devices and Components Division H.Q. 28th Fl., Crystal Tower Bldg. 1-2-27, Shiromi, Chuo-ku, Osaka 540-6028 Japan Phone: (81)6-949-6012 Fax: (81)6-949-6021 ! Saddle Tube |