データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FZ-SF/SFC データシート(PDF) 8 Page - Omron Electronics LLC

部品番号 FZ-SF/SFC
部品情報  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SF/SFC データシート(HTML) 8 Page - Omron Electronics LLC

Back Button FZ-SF/SFC Datasheet HTML 4Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 5Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 6Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 7Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 8Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 9Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 10Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 11Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
8
No special environment is required
With the FH Series, there's no need for high-end hardware or specialized engineers who can configure the system to suit
your needs. Our general-purpose vision system makes it easier than ever to introduce AI into production sites.
Vision controller with AI functionality
Artificial intelligence has traditionally required a high-end environment, but our lightweight creative solution comes in the
form of user-friendly processing items that have been integrated into our popular FH Series hardware.
It used to be difficult to
introduce AI technology to many
inspection processes because
of its hardware requirements.
The FH Series does not require
special hardware, facilitating
the introduction of this
technology. The FH Series does
not require special hardware,
facilitating introduction.
In order to reliably use AI technology
in processes, the engineer used
to have not only image processing
skills but also programming and
maintenance skills. With the FH
Series, however, you can use AI
technology just like operating
a standard vision sensor. No
dedicated AI engineer is required.
*1. The FH-5550 Controller is compared with the FH-3050 Controller.
No special hardware
for AI required
No AI engineer required
Machine control network
Cycle: 125 μs
❶
❷ Data output
High-speed interface: USB 3.0
FH-5550/5050
High-speed,
Large-capacity Controller
with
Outstanding processing speed
Ultra-high-speed
CPU
Large-capacity
RAM
Intel® Core™ i7
processor
4 times
faster*1 than
our previous
models
●❶
●❷
10times
larger*1 than
our previous
models
AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54