データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FZ-SF/SFC データシート(PDF) 52 Page - Omron Electronics LLC

部品番号 FZ-SF/SFC
部品情報  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SF/SFC データシート(HTML) 52 Page - Omron Electronics LLC

Back Button FZ-SF/SFC Datasheet HTML 46Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 47Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 48Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 49Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 50Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 51Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 52Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 53Page - Omron Electronics LLC FZ-SF/SFC Datasheet HTML 54Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
FH-Series
52
Related Manuals
Man.No.
Model number
Manual
Z365
FH/FHV7
Vision System FH/FHV7 Series User's Manual
Z341
FH/FHV7
Vision System FH/FHV7 series Processing Item Function Reference Manual
Z342
FH/FHV7
Vision System FH/FHV7 Series User's Manual for Communications Settings
Z343
FH/FHV7
Vision System FH/FHV7 Series Operation Manual for Sysmac Studio
Z366
FH
Vision System FH series Hardware Setup Manual
Z367
FH
Vision System FH series Macro Customize Functions Programming Manual
Z437
FH-UMAI
FH Application Software FH-UMAI Processing Item Function Reference Manual
Z438
FH-UMAI
FH Application Software FH-UMAI Version Update Tool Operating Manual
Field of vision (mm)
10
100
1,000
10
1
100
1,000
5,000
t0
t15
t0
t15
t25
t5
t10
t20
t30
t40 t35
t25 t20
t5
t10
t0
t2
t0
t0
t2
t2
t0
t30
t20
t40 t35
t10
t30 t25
t1
t10
t5
t1
t1
t5
t15
t5
VS-MC50H1
3Z4S-LE
VS-MC08H1
VS-MC12H1
VS-MC16H1
VS-MC25H1
VS-MC35H1
Digital CMOS Camera
FH-S
@21R
20.4 million-pixel
(Using 3Z4S-LE VS-MCH1 Series)
t40
t40
t20
t20
t40
t40
t20
t20
t10
t10
t10
t10
t20
t20
t0
t0
t0
t0
t0
t0
t0
t0
t2
t2
t8
t8
t0
t0
t0
t0
t40
t40 t30
t30
t30
t30
t20
t20
t10
t10
t40
t40
t40
t20
t40
t20
t10
t10
t20
t0
t0
t0
t0
t2
t8
t0
t0
t40 t30
t30
t20
t10
t40
3Z4S-LE
VS-MCL18/M42-10
VS-MCL25/M42-10
VS-MCL35/M42-10
VS-MCL50/M42-10
VS-MCL85/M42-10
VS-MCL100/M42-10
10
100
1,000
10,000
10
100
1,000
Field of vision (mm)
High-speed Digital CMOS Camera
FH-S
@12
12 million-pixel
(Using 3Z4S-LE VS-MCL/M42-10 Series)
• Sysmac is a trademark or registered trademark of OMRON Corporation in Japan and other countries for OMRON factory automation products.
• Think&See is a trademark or registered trademark of OMRON Corporation in Japan and other countries.
•EtherCAT® is a registered trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany.
• EtherNet/IP® is a trademark of ODVA.
•Microsoft® Visual Studio® and Windows are either registered trademarks or trademarks of Microsoft Corporation in the United States and/or other countries.
• QR code is the registered trademark of DENSO WAVE.
• Intel and the Intel logo are trademarks of Intel Corporation in the U.S. and/or other countries.
• Other company names and product names in this document are the trademarks or registered trademarks of their respective companies.
• The product photographs and figures that are used in this catalog may vary somewhat from the actual products.
• The SD Logo is a trademark of SD-3C LLC.
• Microsoft product screen shot(s) reprinted with permission from Microsoft Corporation.
• The permission of Shutterstock.com was received for images that were used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54