データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7564BPD データシート(PDF) 14 Page - STMicroelectronics

部品番号 TDA7564BPD
部品情報  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564BPD データシート(HTML) 14 Page - STMicroelectronics

Back Button TDA7564BPD Datasheet HTML 10Page - STMicroelectronics TDA7564BPD Datasheet HTML 11Page - STMicroelectronics TDA7564BPD Datasheet HTML 12Page - STMicroelectronics TDA7564BPD Datasheet HTML 13Page - STMicroelectronics TDA7564BPD Datasheet HTML 14Page - STMicroelectronics TDA7564BPD Datasheet HTML 15Page - STMicroelectronics TDA7564BPD Datasheet HTML 16Page - STMicroelectronics TDA7564BPD Datasheet HTML 17Page - STMicroelectronics TDA7564BPD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Diagnostics functional description
TDA7564B
14/34
4
Diagnostics functional description
4.1
Turn-on diagnostic
It is activated at the turn-on (stand-by out) under I2C bus request. Detectable output faults
are:
Short to GND
Short to Vs
Short across the speaker
Open speaker
To verify if any of the above misconnections are in place, a subsonic (inaudible) current
pulse (Figure 19) is internally generated, sent through the speaker(s) and sunk back.The
Turn-on diagnostic status is internally stored until a successive diagnostic pulse is
requested (after a I2C reading).
If the "stand-by out" and "diag. enable" commands are both given through a single
programming step, the pulse takes place first (power stage still in stand-by mode, low,
outputs= high impedance).
Afterwards, when the Amplifier is biased, the PERMANENT diagnostic takes place. The
previous Turn-on state is kept until a short appears at the outputs.
Figure 19. Turn - on diagnostic: working principle
Figure 20 and 21 show SVR and OUTPUT waveforms at the turn-on (stand-by out) with and
without turn-on diagnostic.
Figure 20. SVR and output behavior (case 1: without turn-on diagnostic)
CH-
CH+
Isource
Vs~5V
Isink
t (ms)
I (mA)
Isink
Isource
~100mS
Measure time
Bias (power amp turn-on)
t
Diagnostic Enable
(Permanent)
Permanent diagnostic
acquisition time (100mS Typ)
Permanent Diagnostics data (output)
permitted time
I2CB DATA
Vsvr
Out
FAULT
event
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34