| データシートサーチシステム |
|
TDA7564BPD データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7564BPD データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 34 page ![]() Diagnostics functional description TDA7564B 16/34 4.2 Permanent diagnostics Detectable conventional faults are: – Short to gnd –Short to VS – Short across the speaker The following additional features are provided: – Output offset detection The TDA7564B has 2 operating statuses: 1. RESTART mode. The diagnostic is not enabled. Each audio channel operates independently from each other. If any of the a.m. faults occurs, only the channel(s) interested is shut down. A check of the output status is made every 1 ms (Figure 25). Restart takes place when the overload is removed. 2. DIAGNOSTIC mode. It is enabled via I2C bus and self activates if an output overload (such to cause the intervention of the short-circuit protection) occurs to the speakers outputs. Once activated, the diagnostics procedure develops as follows (Figure 26): – To avoid momentary re-circulation spikes from giving erroneous diagnostics, a check of the output status is made after 1ms: if normal situation (no overloads) is detected, the diagnostic is not performed and the channel returns back active. – Instead, if an overload is detected during the check after 1 ms, then a diagnostic cycle having a duration of about 100 ms is started. – After a diagnostic cycle, the audio channel interested by the fault is switched to RESTART mode. The relevant data are stored inside the device and can be read by the microprocessor. When one cycle has terminated, the next one is activated by an I2C reading. This is to ensure continuous diagnostics throughout the car- radio operating time. – To check the status of the device a sampling system is needed. The timing is chosen at microprocessor level (over half a second is recommended). Figure 25. Restart timing without diagnostic enable (permanent) - Each 1mS time, a sampling of the fault is done Figure 26. Restart timing with diagnostic enable (permanent) t 1-2mS 1mS 1mS 1mS 1mS Overcurrent and short circuit protection intervention (i.e. short circuit to GND) Short circuit removed Out t Overcurrent and short circuit protection intervention (i.e. short circuit to GND) Short circuit removed 1-2mS 100/200mS 1mS 1mS |