| データシートサーチシステム |
|
SERCON816 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SERCON816 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 23 page ![]() SERCON816 12/23 3.5.4 Read Access of Control Registers Figure 8. Read Access of Control Registers Note: 1. Setup time input signals to falling edge RDN (Intel or Motorola mode with low active strobe) or rising edge RDN (Motorola mode with high active strobe) Symbol Parameter Min. Typ. Max. Unit tASU Setup time A6-0, (Note 1) 10 ns Setup time BHEN, PCSN0, PCS1, DMAACKNR, WRN (only Motorola mode), (Note 1) 0ns tAHD Hold time A6-0, BHEN, PCSN0, PCS1, DMAACKNR, WRN (only Motorola mode) to rising edge RDN (Intel Motorola mode with low active strobe) or falling edge RDN (Motorola mode with high active strobe) 0ns tPAD Access time A6-0, BHEN, PCSN0, PCS1, DMAACKNR, WRN (only Motorola mode) to D15-0 valid 30 ns tPRDD Access time RDN to D15-0 valid 30 ns tRDZ Delay RDN to D15-0 high-Z 20 ns tPRQ Delay RDN to DMAREQR low 20 ns A6-0, BHEN PCSN0, PCS1, DMAACKNR, WRN (Motorola mode) RDN D15-0 DMAREQR tPAD tPRQ tRDZ tPRDD tAHD tASU |