| データシートサーチシステム |
|
SC1753 データシート(PDF) 2 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
SC1753 データシート(HTML) 2 Page - Raspberry Pi Holdings PLC |
|
2 / 8 page ![]() Overview The Raspberry Pi IO Case for Raspberry Pi Compute Module 5 is a high-quality two-piece metal enclosure for Compute Module 5 and the Compute Module 5 IO Board. It provides space for accessories connected to the IO Board, such as an M.2 SSD or a PoE+ HAT+. The IO Case includes slots to enable the connection of CSI-2 cameras or DSI displays and includes a built-in controllable fan to support thermal regulation for higher-power applications. Cut-outs in the side of the case allow access to HDMI, Ethernet, USB-A, and USB-C (power in) connectors and to the SD card slot. A mounting hole is provided for an external wireless antenna. Raspberry Pi IO Case for Raspberry Pi Compute Module 5 – Raspberry Pi Ltd 2 |