| データシートサーチシステム |
|
SC1753 データシート(PDF) 4 Page - Raspberry Pi Holdings PLC |
|
|
|||||||||||||||||||||||||||||
SC1753 データシート(HTML) 4 Page - Raspberry Pi Holdings PLC |
|
4 / 8 page ![]() Assembly instructions 1. Separate the top of the IO Case from the base by unscrewing the screws. If you need to install an antenna extension cable, remove the rubber plug from the antenna port. 2. Install Compute Module 5 onto the Compute Module 5 IO Board. 3. Place the IO Board into the base of the IO Case, align the four mounting holes, and secure the board to the base with four M2.5 × 4 screws. 4. If you are using an antenna extension cable, insert its SMA connector into the antenna port in the base of the case, and insert the other end of the cable into the antenna port on CM5. 5. Remove the protective paper from the silicone pad to reveal the adhesive surface. Stick the pad inside the base of the case such that the upper edge of the pad is flush with the bottom of the SD card slot. This prevents an SD card from falling into the case when it is inserted. 6. Plug the fan power cable from the top of the case into the FAN connector on the IO Board, as shown in the diagram below. 1. Yellow (FG) 2. Black (-) 3. Blue (PWM) 4. Red (+) 4-Pin 1.0mm pitch white connector Raspberry Pi IO Case for Raspberry Pi Compute Module 5 – Raspberry Pi Ltd 4 |