データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD512B0 データシート(PDF) 138 Page - STMicroelectronics

部品番号 PSD512B0
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B0 データシート(HTML) 138 Page - STMicroelectronics

Back Button PSD512B0 Datasheet HTML 134Page - STMicroelectronics PSD512B0 Datasheet HTML 135Page - STMicroelectronics PSD512B0 Datasheet HTML 136Page - STMicroelectronics PSD512B0 Datasheet HTML 137Page - STMicroelectronics PSD512B0 Datasheet HTML 138Page - STMicroelectronics PSD512B0 Datasheet HTML 139Page - STMicroelectronics PSD512B0 Datasheet HTML 140Page - STMicroelectronics PSD512B0 Datasheet HTML 141Page - STMicroelectronics PSD512B0 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 153 page
background image
PSD5XX Family
135
68-Pin
68-Pin
Pin No.
PLDCC/CLDCC
Pin No.
PLDCC/CLDCC
Package
Package
1
GND
35
GND
2
ADIO_7
36
PE2
3
ADIO_6
37
PE1
4
ADIO_5
38
PE0
5
ADIO_4
39
CSI
6
ADIO_3
40
RESET
7
ADIO_2
41
RD
8
ADIO_1
42
CLKIN
9
ADIO_0
43
PB7
10
PC7
44
PB6
11
PC6
45
PB5
12
PC5
46
PB4
13
PC4
47
PB3
14
PC3
48
PB2
15
PC2
49
PB1
16
PC1
50
PB0
17
PC0
51
GND
18
VCC
52
VCC
19
GND
53
PD7
20
PA7
54
PD6
21
PA6
55
PD5
22
PA5
56
PD4
23
PA4
57
PD3
24
PA3
58
PD2
25
PA2
59
PD1
26
PA1
60
PD0
27
PA0
61
ADIO_15
28
Vstby
62
ADIO_14
29
WR
63
ADIO_13
30
PE7
64
ADIO_12
31
PE6
65
ADIO_11
32
PE5
66
ADIO_10
33
PE4
67
ADIO_9
34
PE3
68
ADIO_8
18.0
PSD5XX
Pin
Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More