| データシートサーチシステム |
|
PSD512B0 データシート(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD512B0 データシート(HTML) 142 Page - STMicroelectronics |
|
142 / 153 page ![]() PSD5XX Family 139 Family: Plastic Leaded Chip Carrier Millimeters Inches Symbol Min Max Notes Min Max Notes A 4.19 4.57 0.165 0.180 A1 2.41 3.00 0.095 0.118 A2 3.71 3.91 0.146 0.154 B 0.33 0.53 0.013 0.021 B1 0.66 0.81 0.026 0.032 C 0.196 0.262 0.0077 0.0083 D 25.02 25.27 0.985 0.995 D1 24.13 24.23 0.950 0.954 D2 22.61 23.62 0.890 0.930 D3 20.32 Reference 0.800 Reference E 25.02 25.27 0.985 0.995 E1 24.13 24.23 0.950 0.954 E2 22.61 23.62 0.890 0.930 E3 20.32 Reference 0.800 Reference e1 1.27 Reference 0.050 Reference N68 68 030195R6 Drawing J5 – 68-Pin Plastic Leaded Chip Carrier (PLDCC) (Package Type J) B1 A1 A2 E1 E A D D1 68 1 2 3 E3 E2 e1 B D3 D2 C |