データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

01721 データシート(PDF) 18 Page - Wiha Tools

部品番号 01721
部品情報  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WIHA [Wiha Tools]
ホームページ  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01721 データシート(HTML) 18 Page - Wiha Tools

Back Button 01721 Datasheet HTML 14Page - Wiha Tools 01721 Datasheet HTML 15Page - Wiha Tools 01721 Datasheet HTML 16Page - Wiha Tools 01721 Datasheet HTML 17Page - Wiha Tools 01721 Datasheet HTML 18Page - Wiha Tools 01721 Datasheet HTML 19Page - Wiha Tools 01721 Datasheet HTML 20Page - Wiha Tools 01721 Datasheet HTML 21Page - Wiha Tools 01721 Datasheet HTML 22Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
SB 255-11
Single-pole SoftFinish® voltage tester 110-250 volts.
Blister packed.
Blade:
High-quality chrome-vanadium molybdenum steel, through-hardened,
nickel-coated.
Handle:
Ergonomic Wiha SoftFinish® handle of transparent, impact resistant plastic.
Metal contact plate and robust clip.
Standards:
Blade tip DIN ISO 2380-1.
Application:
For determining alternating voltages in low voltage range up to 250 volts with
respect to earth potential.
Suitable for trade and industry professionals.
Extra:
Tried-and-proven Wiha SoftFinish® screwdriver with additional testing function.
Global use is assured.
Ord.No.
35378
3,0
60
0,5
140
19
5
All prices are quoted net/pc.
Page 18 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40