| データシートサーチシステム |
|
01721 データシート(PDF) 22 Page - Wiha Tools |
|
|
|||||||||||||||||||||||||||||
01721 データシート(HTML) 22 Page - Wiha Tools |
|
22 / 40 page ![]() 7123 MagicFlip Force universal holder with ring magnet, style E 6.3. Sleeve: Metal, coated. Suitable for: For bits according to DIN 3126, ISO 1173 style C 6.3. Drive: DIN 3126, ISO 1173, style E 6.3. Packaging: Plastic box, reusable and dust repellent. Application: The strong Neodym ring magnet even holds long screws securely. Enables easy fastening of screws. Extra: With strong Neodym magnet. Particularly small ring magnet inner diameter, also suitable for drywall screws. Ring magnet sleeve springs back to the last fastening phase, allowing a view of the screw head and enabling precise recessing. Ord.No. 36800 1/4 1/4 62 10 All prices are quoted net/pc. Page 22 of 40 |