| データシートサーチシステム |
|
NRF7002-QFAA-R データシート(PDF) 24 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF7002-QFAA-R データシート(HTML) 24 Page - Nordic Semiconductor |
|
24 / 61 page ![]() Coexistence T2 SR_REQUEST SR_REQUEST lead time Transaction time T1 t1 t2 t3 t4 t5 time Tx/Rx SR_STATUS Priority SR_GRANT Grant T3 Figure 14: 3-wire timing with priority multiplexing Parameter Description T1: SR_REQUEST lead time period The time SR_REQUEST is asserted before actual transactions. T2: SR_STATUS The time when SR_STATUS is sampled to get SR_PTI information. T3: SR_GRANT The time before PTA should post SR_GRANT so that it is stable to be considered by the Bluetooth LE/IEEE 802.15.4 device. Table 7: Bluetooth LE/IEEE 802.15.4 timing parameters The Bluetooth LE/IEEE 802.15.4 timing parameters are used to derive PTA timing parameters. The following table describes the relationship between PTA timing parameters and Bluetooth LE/IEEE 802.15.4 timing parameters. PTA timing parameter Relation with Bluetooth LE/IEEE 802.15.4 timing parameter Bluetooth LE/IEEE 802.15.4 device status priority sampling time (t2) t1 < t2 < (t1+T2) PTA arbitration decision time (t3) (t1+T2) < t3 < (T1-T3) Table 8: PTA and Bluetooth LE/IEEE 802.15.4 timing parameters 4486_184 v1.0 24 |