データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NRF7002-QFAA-R データシート(PDF) 37 Page - Nordic Semiconductor

部品番号 NRF7002-QFAA-R
部品情報  nRF7002
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NORDIC [Nordic Semiconductor]
ホームページ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF7002-QFAA-R データシート(HTML) 37 Page - Nordic Semiconductor

Back Button NRF7002-QFAA-R Datasheet HTML 33Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 34Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 35Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 36Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 37Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 38Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 39Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 40Page - Nordic Semiconductor NRF7002-QFAA-R Datasheet HTML 41Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
14 Hardware and layout
This section describes nRF7002 hardware and layout specifications.
14.1 Pin assignments
The pin assignment figure and tables describe the pinouts for the device. There are also recommendations
for how the General-Purpose Input/Output (GPIO) pins should be configured, in addition to any usage
restrictions.
Figure 17: Pin assignments
4486_184 v1.0
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61