| データシートサーチシステム |
|
FRDM-HB2000ESEVM データシート(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FRDM-HB2000ESEVM データシート(HTML) 13 Page - NXP Semiconductors |
|
13 / 34 page ![]() NXP Semiconductors KTFRDMHB2000ESEVMUG FRDM-HB2000ESEVM evaluation board KTFRDMHB2000ESEVMUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2 — 11 June 2018 13 / 34 Table 6. Output signal definitions Output name Description OUT1 output 1 of H-Bridge OUT2 output 2 of H-Bridge FS_B open-drain active LOW status flag output to indicate fault CFB current mirror output for real-time load current monitoring MISO master input slave output for SPI 4.9 Test point definitions The following test points provide access to various signals to and from the board. Figure 8. Test point locations Table 7. Test point definitions Test point name Signal name Description CFB_V CFB_READ CFB pin voltage going to ADC CCP CCP charge pump voltage ENBL1 ENBL enable/disable signal to activate/3-state the outputs and put the device to Sleep mode DIS1 DIS enable/disable signal to activate/3-state the outputs IN_1 IN1 direction control in H-Bridge mode and OUT1 control in Half-Bridge mode IN_2 IN2 PWM control in H-Bridge mode and OUT2 control in Half-Bridge mode VPWR VPWR system voltage VDDQ1 VDDQ VDDQ digital output supply voltage FS_B1 FSB fault status monitoring pin VDD1 VDD VDD supply for the part |