| データシートサーチシステム |
|
FRDM-HB2000ESEVM データシート(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FRDM-HB2000ESEVM データシート(HTML) 21 Page - NXP Semiconductors |
|
21 / 34 page ![]() NXP Semiconductors KTFRDMHB2000ESEVMUG FRDM-HB2000ESEVM evaluation board KTFRDMHB2000ESEVMUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2 — 11 June 2018 21 / 34 6.1.2 Step-by-step instructions for setting up the hardware for use with a function generator This section describes how to configure the FRDM-HB2000ESEVM for use with a function generator. The same connections apply if the board is connected to a microcontroller instead of a function generator. To configure the board for use in a specific environment, see Section 4.4, Section 7, and the MC33HB2000 data sheet. 1. Connect the function generator to the EX_IN jumper, with one channel attached to each pin. 2. Change the board jumper connections, as shown in Figure 14. 3. With the power switched off, attach the DC power supply to the VBAT and GND screw connector terminal (J20) on the evaluation board. 4. Connect the load to the screw terminal (J21). Figure 14 illustrates the hardware configuration. Figure 14. FRDM-HB2000ESEVM configured for use with a function generator |