| データシートサーチシステム |
|
013-0004MP データシート(PDF) 1 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
013-0004MP データシート(HTML) 1 Page - Multicomp Pro |
|
1 / 2 page ![]() Page <1> V1.0 16/08/22 Static Shielding Bag Newark.com/multicomp-pro Farnell.com/multicomp-pro sg.element14.com/b/multicomp-pro Features • Metal “Faraday cage” layer shields products from electric energy inside and prevents static build-up • Four layer protection guards against charges inside and out • Semi transparent for easy content identification • Surface resistance of 108~1011Ω • Conforms to EIA 625, EIA 541, ANSI/ESD S-20.20 • Suitable for packing electronic products which are sensitive to static, eg PCB’s, Electronic Components etc. Test Conditions The following results were taken under the following environmental test conditions: Temperature: 23°C / Humidity: 43% Item Test Standard Result Film Thickness Micron Meter 3mils 75 micron Metal Layer Optical Transmission ASTM D1003 40% +/- 5% optical density Surface Resistivity IEC 61340-2-3 <1010Ω/sq Time for static removal FTMS 101B Method 4046 - 5000-0V <0.03 Sec Static Shielding - Energy Penetration ESD-STM-11.31 @12% R.H. <30 nJ Static Shielding - Capacitive Probe EIA 541 <25V Construction Static shielding bags are constructed in four layers, consisting of a static dissipative polyester outer layer and a static dissipative polyethylene inner layer with a centre metallised shield layer. Bags are manufactured from industry approved polyester and polyethelene laminates. The polyester dielectric works with the metal layer to provide a Faraday effect, the metal layer preventing penetration from damaging electrostatic fields. The specially processed polyethelene keeps tribocharging to a minimum. Configuration(s) Our bags are available in custom sizes or in several industry standard sizes. Bags are oered in a 2-seal conguration and bottom fold, with our standard exographically printed artwork. Please note any bags that are longer than 24″ will have a 3rd seal along the bottom edge. Our bags can also be personalised with your company logo on any bespoke orders. Standard Bag Artwork Static shielding bags are produced with the following sample artwork as standard. For further information on bespoke/printed orders, please contact one of our sales team. Please note there is a MOQ of 20,000 bags on all printed bags. |
同様の部品番号 - 013-0004MP |
|
同様の説明 - 013-0004MP |