| データシートサーチシステム |
|
HTMS8101FTK/AF データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8101FTK/AF データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 25 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 12.3.2 RWD receives no HITAG µ transponder IC response During an inventory process, when the RWD has received no HITAG µ advanced/advanced+ transponder IC response, it needs to wait TFp3 before sending a subsequent EOF to switch to the next slot, if a 16 slot anticollision request is processed, or sending a subsequent request (which could be again an inventory request). TFp3 starts from the time the RWD has generated the falling edge of the last sent EOF. The minimum value of TFp3 is TFp3min = TFp1max + TFpSOF. TFpSOF is the time duration for a HITAG µ advanced/advanced+ transponder to transmit an SOF to the reader. [1] TC...Carrier period time (kHz = 7.45 s nominal) Fig 14. Protocol timing diagram without HITAG µ transponder IC response Table 14. Overview timing parameters [1] Symbol Min Max TFpSOF 3 T Fd 3 T Fd TFp1 204 T C 213 T C TFp2 150 T C - TFp3 TFp1max + TFpSOF - 001aaj834 carrier on request no response request (or EOF) carrier off load off load on HITAG μ reader TFpSOF TFp3 TFp1MAX |