| データシートサーチシステム |
|
HTMS8101FTK/AF データシート(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS8101FTK/AF データシート(HTML) 33 Page - NXP Semiconductors |
|
33 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 33 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 14.2 Error handling In case an error has been occurred the transponder IC responses with the set error flag and the three bit code ’111’ (meaning ’unknown error’). The general response format in case of an error response is shown in Table 20 whereas commands not supporting error responses are excluded. In case of an unsupported command there will be no response. The format is embedded into SOF and EOF. Table 20. Response format in error case Error flag Error code CRC-16 Description 1 3 (16) No. of bits 1111 Fig 17. HITAG µ transponder IC response - in case of no error Fig 18. HITAG µ transponder IC response - in error case 001aak260 SOF Error Flag ''0'' Data (CRC) EOF 001aak262 SOF Error Flag ''1'' Error Code ''111'' (CRC) EOF |