データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS2085A データシート(PDF) 2 Page - NXP Semiconductors

部品番号 LS2085A
部品情報  Reference Design Board Errata
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS2085A データシート(HTML) 2 Page - NXP Semiconductors

  LS2085A Datasheet HTML 1Page - NXP Semiconductors LS2085A Datasheet HTML 2Page - NXP Semiconductors LS2085A Datasheet HTML 3Page - NXP Semiconductors LS2085A Datasheet HTML 4Page - NXP Semiconductors LS2085A Datasheet HTML 5Page - NXP Semiconductors LS2085A Datasheet HTML 6Page - NXP Semiconductors LS2085A Datasheet HTML 7Page - NXP Semiconductors LS2085A Datasheet HTML 8Page - NXP Semiconductors LS2085A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table 2. LS2085A/LS2088ARDB errata summary (continued)
Errata
Name
Board revision
Found on
Fixed on
E-00010
SATA ports at Gen3 speed have excessive error
rates
Rev. B, Rev. C, and
Rev. D
Rev. E and higher
E-00011
USB 3.0 SuperSpeed devices train only to the USB
2.0 (high speed) mode
Rev. B, Rev. C, and
Rev. D
Rev. E and higher
E-00012
Certain USB 2.0 Flash drives will not enumerate on
USB Port 1
Rev. B, Rev. C, and
Rev. D
Rev. D and higher
E-00013
I2C1 and I2C3 buses are missing pull-up
Rev. B, Rev. C, and
Rev. D
Rev. E and higher
E-00014
Unable to boot from SDHC port, SDHC voltage/
speed limitation
All revisions
No plans to fix
E-00015
Main clocking source frequency out of tolerance
Rev. B, Rev. C, Rev. D,
and Rev. E,
Rev. F and higher
E-00016
Unable to access AQR405 through EMI2 bus (MDC/
MDIO)
Rev. E
Rev. E and higher
E-00017
CPU Rotation Error Detect Circuit not functional
All revisions
No plans to fix
LS2085A/LS2088A Reference Design Board Errata, Rev. 2, 08/2017
2
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26