データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LS2085A データシート(PDF) 12 Page - NXP Semiconductors

部品番号 LS2085A
部品情報  Reference Design Board Errata
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS2085A データシート(HTML) 12 Page - NXP Semiconductors

Back Button LS2085A Datasheet HTML 8Page - NXP Semiconductors LS2085A Datasheet HTML 9Page - NXP Semiconductors LS2085A Datasheet HTML 10Page - NXP Semiconductors LS2085A Datasheet HTML 11Page - NXP Semiconductors LS2085A Datasheet HTML 12Page - NXP Semiconductors LS2085A Datasheet HTML 13Page - NXP Semiconductors LS2085A Datasheet HTML 14Page - NXP Semiconductors LS2085A Datasheet HTML 15Page - NXP Semiconductors LS2085A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Figure 7. E-00009 workaround
Fix plan:
On Rev. E boards, DDR operation at 2133 MT/s requires the removal of DIMM at U5 (for DDR
controller 1) and U7 (for DDR controller 2). The DDR DIMMs are relocated and rewired on
Rev. E and higher boards to provide optimal DIMM location signaling. The Figure below shows
the changes in the DDR DIMM locations for Rev. E and higher boards. Basically, U4 – U7
have been repositioned to provide optimal signal integrity when only one DIMM is installed.
When installing one DIMM per controller to achieve 2133 MT/s speed, the DIMM should be
installed at location U4 (for DDR controller 1), and at U6 (for DDR controller 2).
LS2085A/LS2088A Reference Design Board Errata, Rev. 2, 08/2017
12
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26