| データシートサーチシステム |
|
ST20-GP1 データシート(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 データシート(HTML) 93 Page - STMicroelectronics |
|
93 / 116 page ![]() ST20-GP1 93/116 ® 16 Configuration register addresses This chapter lists all the ST20-GP1 configuration registers and gives the addresses of the registers. The complete bit format of each of the registers and its functionality is given in the relevant chapter. The registers can be examined and set by the devlw (device load word) and devsw (device store word) instructions. Note, they cannot be accessed using memory instructions. Register Address Size Set Clear Read/ Write HandlerWptr0 #20000000 32 R/W HandlerWptr1 #20000004 32 R/W HandlerWptr2 #20000008 32 R/W HandlerWptr3 #2000000C 32 R/W HandlerWptr4 #20000010 32 R/W TriggerMode0 #20000040 3 R/W TriggerMode1 #20000044 3 R/W TriggerMode2 #20000048 3 R/W TriggerMode3 #2000004C 3 R/W TriggerMode4 #20000050 3 R/W Pending #20000080 5 Interrupt trigger Interrupt grant R/W Set_Pending #20000084 5 W Clear_Pending #20000088 5 W Mask #200000C0 17 R/W Set_Mask #200000C4 17 W Clear_Mask #200000C8 17 W Exec #20000100 5 Interrupt valid Interrupt done R/W Set_Exec #20000104 5 W Clear_Exec #20000108 5 W LPTimerLS #20000400 32 R/W LPTimerMS #20000404 32 R/W LPTimerStart #20000408 1 By a write to LP- TimerLS or LP- TimerMS R/W LPAlarmLS #20000410 32 R/W LPAlarmMS #20000414 8 R/W LPAlarmStart #20000418 1 R/W LPSysPll #20000420 2 R/W SysRatio #20000500 6 R WdEnable #20000510 1 R/W Table 16.1 ST20-GP1 configuration register addresses |