| データシートサーチシステム |
|
ST20-GP1 データシート(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 データシート(HTML) 111 Page - STMicroelectronics |
|
111 / 116 page ![]() ST20-GP1 111/116 ® Memory UART Parallel IO Byte wide parallel port Application specific Miscellaneous Pin In/Out Function MemAddr1-19 out Address bus MemData0-15 in/out Data bus. Data0 is the least significant bit (LSB) and Data15 is the most significant bit (MSB). MemWait in Memory cycle extender notMemOE0-3 out Output enable strobes – one per bank notMemCE0-3 out Chip enable strobes – one per bank notMemWB0-1 out Used as write strobe, or MemAddr0 on 8-bit bus. BootSource0-1 in Boot from ROM or from link Table 20.6 ST20-GP1 memory pins Pin In/Out Function TXD0-1 out UART serial data output RXD0-1 in UART serial data input Table 20.7 ST20-GP1 UART pins Pin In/Out Function PIO0-5 in/out PIO Table 20.8 ST20-GP1 parallel IO pins Pin In/Out Function PlinkData0-7 in/out Bidirectional data bus PlinknotReq in Data transfer request PlinknotAck out Data transfer acknowledge PlinkOut out Controls external buffers. When high signals the PLink is outputting. Table 20.9 ST20-GP1 byte wide parallel port pins Pin In/Out Function GPSIF in GPS IF input Table 20.10 ST20-GP1 application specific pins Pin In/Out Function ConnectToGND Must be connected to GND Table 20.11 ST20-GP1 miscellaneous pins |