データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST40RA166XH6 データシート(PDF) 79 Page - STMicroelectronics

部品番号 ST40RA166XH6
部品情報  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 データシート(HTML) 79 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 75Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 76Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 77Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 78Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 79Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 80Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 81Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 82Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
A Interconnect architecture
ST40RA
79/94
STMicroelectronics
ADCS 7260755H
A.1
Arbitration schemes
A.1.1
PCI arbiter: (CPU, GPDMA, PCI, EMPI)
The default configuration (after reset) for fixed priority mode has to be in the following priority order:
q
CPU buffer,
q
EMPI,
q
GPDMA,
q
PCI (PCI master request, although not expected, get served to avoid deadlock).
The priority orders have to be programmable and the latency checking algorithm can be enabled for
GPDMA, PCI, EMPI.
A.1.2
EMI arbiter: (CPU buffer, GPDMA, PCI, EMPI)
The default configuration (after reset) for fixed priority mode has to be in the following priority order:
q
CPU buffer,
q
PCI,
q
EMPI,
q
GPDMA.
The priority order have to be programmable and the latency checking algorithm can be enabled for
GPDMA, PCI, EMPI.
A.1.3
LMI 1 arbiter: (CPU, GPDMA, PCI, EMPI)
The default configuration (after reset) as to be to work fixed priority mode in the following priority
order:
q
CPU,
q
GPDMA and PCI buffer.
The priority orders have to be programmable and the latency checking algorithm can be enabled for
GPDMA, PCI, EMPI.
A.1.4
PER arbiter: (CPU, GPDMA, PCI, EMPI)
The default configuration (after reset) as to be to work fixed priority mode in the following priority
order:
q
CPU buffer,
q
PCI,
q
EMPI,
q
GPDMA.
The priority order have to be programmable and the latency checking algorithm can be enabled for
GPDMA, PCI, EMPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94