データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST40RA166XH6 データシート(PDF) 46 Page - STMicroelectronics

部品番号 ST40RA166XH6
部品情報  32-bit Embedded SuperH Device
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST40RA166XH6 データシート(HTML) 46 Page - STMicroelectronics

Back Button ST40RA166XH6 Datasheet HTML 42Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 43Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 44Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 45Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 46Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 47Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 48Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 49Page - STMicroelectronics ST40RA166XH6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
ADCS 7260755H
STMicroelectronics
46/94
ST40RA
7 Electrical specifications
Note:
1.The SL pad type graph represents the maximum drive strength in the LVTTL mode.
Figure 6: Pads characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94