データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6370 データシート(PDF) 7 Page - STMicroelectronics

部品番号 L6370
部品情報  2.5A high-side driver industrial intelligent power switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 データシート(HTML) 7 Page - STMicroelectronics

Back Button L6370_07 Datasheet HTML 3Page - STMicroelectronics L6370_07 Datasheet HTML 4Page - STMicroelectronics L6370_07 Datasheet HTML 5Page - STMicroelectronics L6370_07 Datasheet HTML 6Page - STMicroelectronics L6370_07 Datasheet HTML 7Page - STMicroelectronics L6370_07 Datasheet HTML 8Page - STMicroelectronics L6370_07 Datasheet HTML 9Page - STMicroelectronics L6370_07 Datasheet HTML 10Page - STMicroelectronics L6370_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
L6370
Electrical specifications
7/19
Note:
Vil ≤ 0.8V, Vih ≥ 2V @ (V+In > V-In)
Voth1
Output Status Threshold 1
Voltage
(See Figure 3)
4.555.5
V
Voth2
Output Status Threshold 2
Voltage
44.5
5.0
V
Vohys
Output Status Threshold
Hysteresis
300
500
700
mV
Iosd
Output Status Source Current
Vout > Voth1; Vos = 2.5V
2
4
mA
Vosd
Active Output Status Driver
Drop Voltage
Vs - Vos; Ios = 2mA
Tamb = 0 to +85°C
1.5
3
V
Ioslk
Output Status Driver Leakage
Current
Vout < Voth2; Vos = 0V
VS = 9.5 to 35V
25
µA
Vdgl
Diagnostic Drop Voltage
D1 / D2 = L ; Idiag= 0.5mA
D1 / D2 = L ; Idiag= 3mA
40
250
mV
Idglk
Diagnostic Leakage Current
D1 / D2 = H ; 0 < Vdg < Vs
VS = 9.5 to 35V
5
µA
Source drain NDMOS diode
Vfsd
Forward On Voltage
@ Ifsd = 2.5A
1
1.5
V
Ifp
Forward Peak Current
t = 10ms; d = 20%
6
A
trr
Reverse Recovery Time
If = 2.5A di/dt = 25A/µs
200
ns
tfr
Forward Recovery Time
100
ns
Thermal characteristics
ΘLim
Junction Temp. Protect.
135
150
°C
ΘTH
Thermal Hysteresis
20
°C
Table 5.
Electrical characteristics (continued)
(VS = 24V; TJ = –25 to +125°C, unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com