データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6370 データシート(PDF) 4 Page - STMicroelectronics

部品番号 L6370
部品情報  2.5A high-side driver industrial intelligent power switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370 データシート(HTML) 4 Page - STMicroelectronics

  L6370_07 Datasheet HTML 1Page - STMicroelectronics L6370_07 Datasheet HTML 2Page - STMicroelectronics L6370_07 Datasheet HTML 3Page - STMicroelectronics L6370_07 Datasheet HTML 4Page - STMicroelectronics L6370_07 Datasheet HTML 5Page - STMicroelectronics L6370_07 Datasheet HTML 6Page - STMicroelectronics L6370_07 Datasheet HTML 7Page - STMicroelectronics L6370_07 Datasheet HTML 8Page - STMicroelectronics L6370_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Block diagram and pin description
L6370
4/19
1.1
Pin description
Table 2.
Pin description
Pin N
°
Pin name
Function
14
DIAG1
DIAGNOSTIC 1 output. This open drain reports the IC working
conditions. (See Diagnostic truth Table 7)
15
DIAG2
DIAGNOSTIC 2 output. This open drain reports the IC working
conditions. (See Diagnostic truth Table 7)
18
IN-
Comparator non inverting input
17
IN+
Comparator inverting input
19
OUTSTATUS
This current source output is capable of driving a LED to signal the
status of the output pin. The pin is active (source current) when the
output pin is considered high (See Figure 3)
1, 10,
11, 20
GND
Ground
4
ON-DELAY
Programmable ON time interval duration during short circuit operation
13
RSC
Current limitation setting.
8, 9
OUTPUT
High Side output with built-in current limitation
5, 6
VS
Supply Volatge Input, the value of the supply voltage is monitored to
detect under voltage condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com