| データシートサーチシステム |
|
ST52F510GMM6 データシート(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52F510GMM6 データシート(HTML) 87 Page - STMicroelectronics |
|
87 / 106 page ![]() ST52F510/F513/F514 87/106 Acknowledge may be enabled and disabled via software. The I2C interface address and/or general call address can be selected via software. The speed of the I2C interface may be selected between Standard (0-100KHz) and Fast I2C (100- 400KHz). 14.3.3 SDA/SCL Line Control. Transmitter mode: the interface holds the clock line low before transmission, in order to wait for the microcontroller to write the byte in the Data Register. Receiver mode: the interface holds the clock line low after reception to wait for the microcontroller to read the byte in the Data Register. SCL frequency is controlled by a programmable clock divider which depends on the I2C bus mode. When the I2C cell is enabled, the SDA and SCL pins must be configured as floating open-drain I/O. The value of the external pull-up resistance used depends on the application. 14.4 Functional Description By default the I2C interface operates in Slave mode (M/SL bit is cleared) except when it initiates a transmit or receive sequence. First, the interface frequency must be configured using the related bits of the Configuration Registers. 14.4.1 Slave Mode. As soon as a start condition is detected, the address is received from the SDA line and sent to the shift register; then it is compared with the address of the interface or the General Call address (if selected by software). Figure 14.2 I2C Interface Block Diagram DATA REGISTER DATA SHIFT REGISTER COMPARATOR OWN ADDRESS REGISTER (OAR) CLOCK CONTROL REGISTER (I2C_CCR) STATUS REGISTER 1 (I2C_SR1) CONTROL REGISTER (I2C_CR) SDA SCL CONTROL LOGIC STATUS REGISTER 2 (I2C_SR2) INTERRUPT CLOCK CONTROL DATA CONTROL SCL SDA |